Part Number Hot Search : 
GS9078A M4125 MP5006W 2SD2103 AKM4550 IS357A HCC4017B C0402
Product Description
Full Text Search
 

To Download EF10C01C-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Glass Passivated Efficient Fast Recovery Rectifier
EF10C01C-G thru EF10C06C-G (RoHS Device)
Voltage Range 50 to 600 V Current 10.0 Ampere Features Fast switching for high efficiency Low forward voltage drop High current capability Low reverse leakage current High surge current capability Mechanical Data Case: Molded plastic TO-220AB Epoxy: UL 94V-0 rate flame retardant Terminals: Solderable per MIL-STD-202 method 208 guranteed Mounting position: Any Weight: 2.07 gram TO-220AB
.113(2.87) .103(2.62) .185(4.70) .175(4.44) MAX.412(10.5) DIA .154(3.91) .148(3.74) .594(15.1) .587(14.9) PIN 123 .27(6.86) .23(5.84) .055(1.40) .045(1.14)
.16(4.06) .14(3.56) .56(14.22) .53(13.46) .037(0.94) .027(0.68) 1 3 case 2 .105(2.67) .095(2.41)
.06(1.52) .05(1.27)
.11(2.79) .10(2.54)
.025(0.64) .014(0.35)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
CHARACTERISTIC Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TL=100 C Peak Forward Surge Current, 8.3ms single Half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 5.0 A Maximum DC Reverse Current @TJ=25 C At Rated DC Blocking Voltage @TJ=125 C Maximum Reverse Recovery Time (Note 1) Typical junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Operating Junction and Storage Temperature Range
o o o
SYMBOL EF10C01C EF10C02C EF10C03C EF10C05C EF10C06C UNIT VRRM VRMS VDC IF(AV) 50 35 50 100 70 100 200 140 200 10.0 400 280 400 600 420 600 V V V A
IFSM
100
A
VF
0.95 10 250 25 65 2.2 -55 to + 150
1.25
1.85
V uA uA nS pF
o
IR Trr CJ R JC TJ, TSTG
CW
o
C
NOTES : (1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A. (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC. (3) Thermal Resistance junction to lead.
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921
Glass Passivated Efficient Fast Recovery Rectifier
EF10C01C-G thru EF10C06C-G (RoHS Device)
RATINGS AND CHARACTERISTIC CURVES EF10C01C-G THRU EF10C06C-G
FIG.1 - FORWARD CURRENT DERATING CURVE
10 100
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, AMPERES
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
8
80
6
60
4
40
2 60 Hz Resistive or Inductive load 0 0 50 100
o
20
0 150 1 10 100
AMBIENT TEMPERATURE, C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
IINSTANTANEOUS FORWARD CURRENT, AMPERES
10 EF10C01C-G-EF10C03C-G
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=125 C 100
o
1.0
EF10C05C-G
EF10C06C-G 0.1
10
1
TJ=25 C
o
0.01 0.4 0.6 0.8 1.0
TJ=25 C PULSE WIDTH=300uS 1% DUTY CYCLE 1.2 1.4 1.6 1.8 2.0
o
0.1 0 20 40 60 80 100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
FIG.5 - TYPICAL JUNCTION CAPACITANCE
1000
JUNCTION CAPACITANCE, pF
TJ = 25 C f = 1.0 MHZ Vsig = 50mVp-p
o
100
10 0.1 1.0 4.0 10 100
REVERSE VOLTAGE, VOLTS
COMCHIP TECHNOLOGY 4115 CLIPPER CT. FREMONT CA 94538 TEL: (510) 657-8671 FAX: (510) 657-8921


▲Up To Search▲   

 
Price & Availability of EF10C01C-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X